Electronic Components Datasheet Search
  English  ▼

X  

ACCTEE Datasheet(PDF) 3 Page - TOKYO SEIMITSU CO., LTD

Part # ACCTEE
Description  New Measurement Style with New Concept
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

ACCTEE Datasheet(HTML) 3 Page - TOKYO SEIMITSU CO., LTD

  ACCTEE Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACCTee can provide judgment concerning the 16% rule and the
design value for individual parameters. It can also display OK/NG in
the graphic image for comprehensive judgment relating to the whole
document. As a preset master page is registered, your logo and desired
background will appear on all pages of the final inspection sheet output.
Document Comprehensive Judgment Display
Allow for data
protection
OR
Data measured by ACCTee can be locked to prevent acciden-
tal deletion, copying, or moving.
Software Data Protection
Frequently used commands can be stored in "Favorite" and
re-organized for easy use.
Favorite
ACCTee can be used overseas and supports several
languages including Japanese, Chinese, Korean, English,
German, French, Italian, Spanish, Czech and Polish.
Multi Language Support
Help is always available whenever ACCTee is on. ACCTee
features an on-line manual system so that an appropriate help
message can be displayed by clicking the soft help key. Help
can also be obtained by browsing the index or searching with
keywords.
Help System
Language select screen
55
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com