Electronic Components Datasheet Search
  English  ▼

X  

EM5049VT Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5049VT
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049VT Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5049VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2013/08/30
A.1
4
EM5049
Electrical Characteristics
VCNTL= 5V, VIN= 1.8V, VREFEN= 0.9V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input CNTL Section
Control Input Voltage
VCNTL
4.5
-
5.5
V
POR Threshold
VPORTH VCNTL rising
-
3.6
-
V
POR Hysteresis
VPORHYS
-
0.2
-
V
CNTL Operation Current
ICNTL
IOUT=0A
-
0.7
2
mA
Shutdown Current
ISD
VREFEN=0V
-
20
35
uA
Output Voltage
Output Offset Voltage
VOS
IOUT=0A
-15
-
15
mV
Load Regulation
∆VLOAD IOUT =±2A
-15
-
15
mV
EN Shutdown
Enable High Level
VEN
1.4
-
-
V
Disable Low Level
VSD
-
-
0.4
V
EN pull-high current
IEN
VEN=GND
3
uA
Internal Soft Start Time
TSS
VOUT 10%~90%
0.1
0.2
0.4
mS
Protection
OCP Threshold Level
IOCP
Source / Sink
2.1
3.0
4.2
A
Output Short Circuit Current
ISC
Source / Sink
-
1.5
-
A
Thermal Shutdown Temperature
TSD
VEN=VIN , IOUT=0A
-
160
-
oC
Thermal Shutdown Hysteresis
TSDHYS
VEN=VIN , IOUT=0A
-
30
-
oC
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2.
θ
JA is measured in the natural convection at TA=25
oC on a 4-layers high effective thermal conductivity test board with
minimum copper area of JEDEC 51-7 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com