Electronic Components Datasheet Search
  English  ▼

X  

EM5049VT Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM5049VT
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049VT Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM5049VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2013/08/30
A.1
5
EM5049
Typical Operating Characteristics
VCNTL=5V;CIN=COUT=10uF
Power On from VIN
VIN=1.2V;VOUT=0.6V
Power Off from VIN
VIN=1.2V;VOUT=0.6V
Load Transient for Source Current
VIN=1.2V;VOUT=0.6V
Load Transient for Sink Current
VIN=1.2V;VOUT=0.6V
Load Transient For Source Current
VIN=1.5V;VOUT=0.75V
Load Transient for Sink Current
VIN=1.5V;VOUT=0.75V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com