Electronic Components Datasheet Search
  English  ▼

X  

EM5049VT Datasheet(PDF) 9 Page - Excelliance MOS Corp.

Part # EM5049VT
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049VT Datasheet(HTML) 9 Page - Excelliance MOS Corp.

Back Button EM5049VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 9Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 10Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2013/08/30
A.1
9
EM5049
Functional Description
VO Source/Sink Regulator
The EM5049 integrates a high-performance, high
current linear regulator that is capable of both
sourcing
and
sinking
current.
This
regulator
employs a fast response so that small ceramic
capacitor can be used. To achieve tight regulation
with minimum effect of trace resistance, the FB pin
should be connected to the positive terminal of the
output capacitor.
Reference Input
The output voltage is regulated to track the 1/2
reference voltage at REF pin within
±15mV at all
conditions .
Shutdown Control Function
When EN is driven high, the EM5049 Vo regulator
begins normal operation. When EN is driven low,
VO is discharged to GND through an internal
sinking MOSFET.
POR – Power ON Reset
To let EM5049 start to operation, CNTL voltage
must be higher than its POR voltage even when REF
voltage is pulled higher than enable high voltage.
Typical POR voltage is 3.6V.
Over Current Limit Function
EM5049 features over current limiting function as
well as output short circuit current fold back
function. Typically, before the thermal protection is
triggered, EM5049 can limit its output current to
3.0A (TYP). When output voltage is decreased, the
limiting current level also decreases. When VOUT is
short to GND, or VOUT voltage is zero, the output
current level is limited to 1.5A, typically.
Input and Output Capacitor Selection
For CNTL pin, a 1uF ceramic capacitor is enough for
bypass the supply of CNTL to GND. For VIN pin,
10uF or larger ceramic capacitor is required to
provide bypass path in transient current demand.
VOUT pin is also recommended to have 10uF or
larger ceramic capacitor to be stable and reduce
the VOUT voltage dip when fast loading transient is
happened.
Power Dissipation
The maximum power depends on some conditions,
including of thermal impedance, PCB layout,
airflow,
and
so
on.
The
maximum
power
dissipation can be calculated by the formula as
below
PD(max)=(TJ(max)-TA) / θJA
TJ(max) is the maximum, junction temperature; θJA is
the thermal impedance from junction to ambient.
The thermal impedance θJA of exposed DFN3X3-10L
is package design and PCB design dependent. The
thermal impedance can be reduced by increasing
the copper area under the exposed pad of the
DFN3X3-10L package. So, to let the copper area as
large as possible is helpful for the thermal
performance of the DFN3X3-10L package.
For recommended specification of EM5049, the
maximum junction temperature is 125 degree C.
The θJA of exposed DFN3X3-10L is 60°C/W on the
standard JEDEC 51-7(4 layers, 2S2P, copper 2 oz)
thermal
test
board.
The
maximum
power
dissipation (at 25°C ambient, on the minimum
exposed pad layout) can be calculated as below:
PD(max at 25°C)=(125°C–25°C)/(60°C/W) = 1.67W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com