Electronic Components Datasheet Search
  English  ▼

X  

MSM7602 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM7602
Description  Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7602 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM7602 Datasheet HTML 21Page - OKI electronic componets MSM7602 Datasheet HTML 22Page - OKI electronic componets MSM7602 Datasheet HTML 23Page - OKI electronic componets MSM7602 Datasheet HTML 24Page - OKI electronic componets MSM7602 Datasheet HTML 25Page - OKI electronic componets MSM7602 Datasheet HTML 26Page - OKI electronic componets MSM7602 Datasheet HTML 27Page - OKI electronic componets MSM7602 Datasheet HTML 28Page - OKI electronic componets MSM7602 Datasheet HTML 29Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
¡ Semiconductor
MSM7602
26/29
APPENDIX
Differences Between the MSM7602 and the MSM7520/7620
Introduction
The MSM7602 is the improved version of the MSM7520 with improved usage. Thus, there are no
differences in echo canceling characteristics.
Enhancements
• A new clock frequency of 19.2 MHz.
The basic clock frequency of the MSM7520/7620 was 18 or 38 MHz, while the basic clock
frequency of MSM7602 is 19.2 MHz. (MSM7602 can be applied at a frequency of 18 MHz.
However, external SYNC and SCK are required because the periods of SYNCO and SCKO are
varied.)
• Adoption of full-fledged 8-bit data through-mode
In the through-mode for the MSM7520 (HCL pin: "H"), an internally processed PCM signal was
used. Therefore, only the negative minimum value (7FHEX)wasconvertedintothecorresponding
positive minimum value (FFHEX).
Analog to analog conversion causes no problem since both values are the minimum ones, but
data transfer in the through-mode encounters problems. Hence, in the MSM7620/7602, the
complete data trough-mode has been implemented.
• Control of input timing to control pins (NLP, HCL, ADP, ATT and GC)
In MSM7520, asynchronous changes in a control pin may result in malfunctioning. This
problem stems from the fact that information on control pins is checked several times during
the execution of a program over one cycle and the state of a control pin is changed between the
first and second half periods.
The MSM7620/7602 provides an internal circuit for using an INT signal to hold control pin
information for one cycle. Thus, external timing control is not needed.
The howling detector control pin (HD) is added.
The MSM7602 can prevent the false detection of the howling detecter cause by tone signals by
providing the howling detecter control pins.
• Introduction of 256 kHz internal clock output (SCKO) for PCM transmission
Internal sync signals (SYNCO and SCKO) in MSM7520/7620 are rated at 8 kHz and 200 kHz,
respectively. At a frequency of 8 kHz, PCM multiplexing can be applied to no more than three
channels.
In the MSM7602, SCKO is rated at 256 kHz, while SYNCO at 8 kHz. Thus, PCM multiplexing
can be applied with up to four channels.
• Addition of basic clock output
The use of a crystal oscillator for a clock in the MSM7520/7620 requires an oscillating circuit
installed in each of two or more cascade-connected IC chips.
Since the MSM7602 supports basic clock output, only one IC chip requires an oscillating circuit.
(The MSM7602-001TS-K does not provide the basic clock output.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com