Electronic Components Datasheet Search
  English  ▼

X  

MSM7602 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7602
Description  Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7602 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7602 Datasheet HTML 3Page - OKI electronic componets MSM7602 Datasheet HTML 4Page - OKI electronic componets MSM7602 Datasheet HTML 5Page - OKI electronic componets MSM7602 Datasheet HTML 6Page - OKI electronic componets MSM7602 Datasheet HTML 7Page - OKI electronic componets MSM7602 Datasheet HTML 8Page - OKI electronic componets MSM7602 Datasheet HTML 9Page - OKI electronic componets MSM7602 Datasheet HTML 10Page - OKI electronic componets MSM7602 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
¡ Semiconductor
MSM7602
7/29
(3/5)
Pin
28-pin
SSOP
56-pin
QFP
Symbol
Type
Description
11
11
SYNC
I
12
12
SOUT
O
13
13
ROUT
O
—
—
—
—
—
—
—
—
15
20
22
27
29
30
44
45
PD0
PD5
PD6
PD11
PD12
PD13
PD14
PD15
I/O
17
31
X1/CLKIN
I
18
32
X2
O
16
28
HD
I
Sync signal for transmit/receive serial data.
This pin uses the external SYNC or SYNCO.
Input the PCM CODEC transmit/receive sync signal (8 kHz).
Transmit serial data.
Outputs the PCM signal synchronized to SYNC and SCK.
This pin is in a high impedance state during no data output.
Receive serial data.
Outputs the PCM signal synchronized to SYNC and SCK.
This pin is in a high impedance state during no data output.
This is the bidirectional bus pin for parallel data transfer between the
master chip and slave chip when used in a cascade connection.
The PD15 pin corresponds to MSB.
This pin is in a high impedance state during no data
output. Data is loaded in at the falling edge of SFx.
Controls the howling detect function. This pin detets and cancels a howling
generated during hand-free talking for acoustic system.
This function is used to cancel acoustic echoes.
• Single Chip or Master Chip in a Cascade Connection
"L": Howling detector ON
"H": Howling detector OFF
• Slave Chip in a Cascade Connection
Fixed at "L"
External input for the basic clock (17.5 to 20 MHz) or for the crystal
oscillator.
When the internal sync signal (SYNCO, SCKO) is used, input the basic
clock of 19.2 MHz.
Crystal oscillator output.
Used to configure the oscilation circuit.
Refer to the internal clock generator circuit example.
When inputting the basic clock externally, insert a 5 pF capacitor with
excellent high frequency characteristics between X2 and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com