Electronic Components Datasheet Search
  English  ▼

X  

MSM7602 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7602
Description  Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7602 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7602 Datasheet HTML 9Page - OKI electronic componets MSM7602 Datasheet HTML 10Page - OKI electronic componets MSM7602 Datasheet HTML 11Page - OKI electronic componets MSM7602 Datasheet HTML 12Page - OKI electronic componets MSM7602 Datasheet HTML 13Page - OKI electronic componets MSM7602 Datasheet HTML 14Page - OKI electronic componets MSM7602 Datasheet HTML 15Page - OKI electronic componets MSM7602 Datasheet HTML 16Page - OKI electronic componets MSM7602 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
¡ Semiconductor
MSM7602
13/29
AC Characteristics (Continued)
Parameter
Power Down Start Time
Power Down End Time
Control Pin Setup Time (INT)
Control Pin Hold Time (INT)
Parallel Data Output Signal Width
Flag Signal Output Time
Flag Signal Output Width
Flag Signal Input Width
Data Read Setup Time
Data Read Hold Time
Symbol
tDPS
tDTS
tDTH
tWPD
tDF
tWFO
tWFI
tFS
fFH
Min.
—
—
—
Typ.
2tMCK
tMCK/2
tWFO
Max.
—
—
—
Min.
—
—
20
120
—
—
—
—
—
—
Typ.
—
—
—
—
2tMCK
tMCK
tMCK/2
tWFO
20
10
Max.
111
15
—
—
—
—
—
—
—
—
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
VDD = 2.7 V to 3.6 V
VDD = 4.5 V to 5.5 V
(Ta = –40˚C to +85˚C)
tDPE
ns
Control Pin Hold Time (RST)tDHR
10——
ns
Control Pin Setup Time (RST)tDSR
20——
ns
tMCK
——
—20—
—10—
10——
20——
120
—
—
20——
——15
—
—
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com