Electronic Components Datasheet Search
  English  ▼

X  

2SC6023 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # 2SC6023
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 13Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 14Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2SC6023
No.8143-13/15
S Parameters (Common emitter)
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.666
--35.3
26.045
148.3
0.016
80.9
0.873
--26.5
400
0.548
--71.2
21.825
123.2
0.030
73.7
0.731
--47.8
600
0.455
--98.7
16.689
106.9
0.040
69.1
0.599
--62.9
800
0.397
--119.1
12.955
96.6
0.050
67.0
0.504
--73.4
1000
0.363
--135.6
10.483
89.2
0.059
65.6
0.440
--81.3
1200
0.343
--149.2
8.764
83.4
0.067
65.2
0.397
--87.6
1400
0.333
--160.6
7.515
78.6
0.076
64.3
0.367
--93.1
1600
0.329
--170.6
6.572
74.3
0.085
63.5
0.348
--97.9
1800
0.329
--179.3
5.840
70.3
0.093
62.5
0.334
--102.4
2000
0.332
172.8
5.252
66.5
0.102
61.5
0.325
--106.6
2200
0.336
165.7
4.768
63.0
0.111
60.4
0.320
--110.6
2400
0.341
159.2
4.367
59.5
0.119
59.3
0.317
--114.3
2600
0.346
153.3
4.025
56.3
0.128
58.2
0.316
--117.7
2800
0.353
148.0
3.735
53.2
0.136
57.0
0.317
--120.8
3000
0.359
143.2
3.485
50.1
0.145
56.1
0.320
--123.6
3200
0.368
138.5
3.272
47.0
0.154
54.4
0.325
--126.7
3400
0.377
134.3
3.084
44.1
0.163
53.2
0.331
--129.6
3600
0.386
130.2
2.917
41.1
0.172
51.8
0.338
--132.6
3800
0.396
126.3
2.764
38.1
0.180
50.3
0.345
--135.6
4000
0.405
122.6
2.629
35.2
0.189
48.7
0.352
--138.4
4200
0.414
119.1
2.504
32.3
0.197
47.3
0.360
--141.1
4400
0.423
115.6
2.390
29.4
0.205
45.6
0.368
--143.7
4600
0.432
112.3
2.287
26.6
0.214
44.1
0.375
--146.4
4800
0.440
109.1
2.190
23.9
0.222
42.4
0.384
--148.9
5000
0.448
106.0
2.101
21.1
0.230
40.8
0.393
--151.3
5200
0.456
103.0
2.018
18.4
0.238
39.3
0.401
--153.8
5400
0.464
100.0
1.942
15.8
0.245
37.7
0.408
--156.2
5600
0.471
97.2
1.872
13.3
0.253
36.0
0.415
--158.5
5800
0.477
94.3
1.806
10.7
0.261
34.5
0.422
--160.6
6000
0.483
91.6
1.746
8.2
0.268
32.9
0.431
--162.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com