Electronic Components Datasheet Search
  English  ▼

X  

2SC6023 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC6023
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC6023 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2SC6023
No.8143-4/15
SPICE PARAMETERS
model : Gummel-Poon
Parameter
Value
Unit
Parameter
Value
Unit
IS
124.2a
A
TF
4.500p
S
BF
168.7
XTF
10.00m
NF
1.007
VTF
8
V
VAF
5.762
V
ITF
549.7m
A
IKF
141.1m
A
PTF
25
°C
ISE
181.0f
A
CJC
168.1f
F
NE
2.295
VJC
165.7m
V
BR
11.54
MJC
571.4m
NR
1
XCJC
330.0m
VAR
3.43
V
TR
10.00p
S
IKR
21.00m
A
FC
800.0m
ISC
1.800f
A
CJS
0
F
NC
1.24
VJS
0
V
RB
2.86
Ω
MJS
0
IRB
100.0
µ
A
LE
415.0p
F
RBM
1.254
Ω
LB
2.300n
F
RE
1.297
Ω
LC
989.3p
F
RC
2.552
Ω
Cbc
20.00f
F
XTB
0
Cce
505.0f
F
EG
1.11
eV
Cbe
320.0f
F
XTI
3
CCB
212.0f
H
CJE
98.40f
F
CEC
580.0f
H
VJE
10
V
CEB
320.0f
H
MJE
100.0m
SCHEMATIC
*Information (including circuit diagrams and circuit parameters) herein is for example only ;
it is not guaranteed for volume production.
Le
Lb
Cbe
CEB
Cce
Cbc
CCB
CEC
Lc
IT08199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com