Electronic Components Datasheet Search
  English  ▼

X  

2SC6023 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # 2SC6023
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6023 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button 2SC6023 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6023 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2SC6023
No.8143-6/15
S Parameters (Common emitter)
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.779
--30.7
15.686
152.1
0.023
77.6
0.898
--26.9
400
0.673
--61.6
14.941
130.3
0.043
66.7
0.769
--49.4
600
0.573
--89.0
12.508
113.8
0.056
59.5
0.643
--66.7
800
0.497
--109.9
10.142
102.2
0.066
55.9
0.548
--79.3
1000
0.444
--127.9
8.487
93.4
0.074
54.2
0.480
--88.9
1200
0.412
--142.8
7.217
86.5
0.082
52.7
0.434
--97.0
1400
0.396
--154.4
6.226
81.0
0.089
52.4
0.403
--103.5
1600
0.386
--165.1
5.481
76.0
0.097
51.7
0.381
--109.1
1800
0.381
--174.2
4.886
71.6
0.105
51.5
0.366
--114.4
2000
0.382
177.5
4.404
67.4
0.112
50.7
0.356
--119.3
2200
0.382
170.1
4.001
63.6
0.120
50.3
0.349
--123.1
2400
0.386
163.2
3.673
59.8
0.128
49.5
0.345
--127.2
2600
0.389
157.1
3.389
56.3
0.135
48.8
0.343
--130.7
2800
0.396
151.5
3.147
52.9
0.143
48.0
0.344
--134.0
3000
0.400
146.3
2.938
49.6
0.152
47.4
0.346
--136.8
3200
0.409
141.6
2.762
46.4
0.160
46.4
0.350
--139.8
3400
0.417
137.1
2.605
43.2
0.168
45.3
0.356
--142.5
3600
0.426
132.6
2.463
40.0
0.177
44.2
0.362
--145.3
3800
0.435
128.6
2.339
37.0
0.184
43.0
0.368
--148.0
4000
0.444
124.7
2.223
33.9
0.192
41.8
0.375
--150.6
4200
0.452
120.9
2.119
31.0
0.200
40.5
0.381
--153.1
4400
0.461
117.3
2.025
28.0
0.208
39.2
0.389
--155.6
4600
0.469
114.0
1.936
25.1
0.216
37.7
0.396
--157.9
4800
0.477
110.6
1.858
22.3
0.224
36.3
0.403
--160.2
5000
0.485
107.3
1.782
19.5
0.231
34.9
0.411
--162.6
5200
0.493
104.1
1.713
16.7
0.239
33.3
0.418
--164.9
5400
0.500
101.1
1.649
14.0
0.246
32.0
0.425
--167.1
5600
0.507
98.1
1.590
11.5
0.254
30.5
0.432
--169.1
5800
0.513
95.2
1.537
8.9
0.261
29.0
0.439
--171.0
6000
0.518
92.3
1.485
6.4
0.269
27.5
0.447
--172.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com