Electronic Components Datasheet Search
  English  ▼

X  

DS1302SN Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1302SN Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1302SN Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS1302
Trickle Charge Timekeeping Chip
www.artschip.com
5
CLOCK/CALENDAR BURST MODE
The clock/calendar command byte specifies burst mode operation. In this mode the first eight clock/calendar registers can be
consecutively read or written (see Figure 4) starting with bit 0 of address 0.
If the write protect bit is set high when a write clock/calendar burst mode is specified, no data transfer will occur to any of the eight
clock/calendar registers (this includes the control register). The trickle charger is not accessible in burst mode.
At the beginning of a clock burst read, the current time is transferred to a second set of registers. The time information is read from
these secondary registers, while the clock may continue to run. This eliminates the need to re-read the registers in case of an
update of the main registers during a read.
RAM
The static RAM is 31 x 8 bytes addressed consecutively in the RAM address space.
RAM BURST MODE
The RAM command byte specifies burst mode operation. In this mode, the 31 RAM registers can be consecutively read or written
(see Figure 4) starting with bit 0 of address 0.
REGISTER SUMMARY
A register data format summary is shown in Figure 4.
CRYSTAL SELECTION
A 32.768 kHz crystal can be directly connected to the DS1302 via X1 and X2. The crystal selected for use should have a specified
load capacitance (CL) of 6 pF. For more information on crystal selection and crystal layout consideration, please consult
Application Note 58, “Crystal Considerations with ARTSCHIP Real Time Clocks.”
DATA TRANSFER SUMMARY Figure 3
SINGLE BYTE READ
SINGLE BYTE WRITE
In burst mode,
is kept high and additional SCLK cycles are sent until the end of the burst.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com