Electronic Components Datasheet Search
  English  ▼

X  

DS1302SN Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1302SN Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS1302SN Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS1302
Trickle Charge Timekeeping Chip
www.artschip.com
8
DC ELECTRICAL CHARACTERISTICS
(0
℃ to 70℃ or -40℃ to +85℃; Vcc=2.0 to 5.5V *)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IL1
+500
µA
6
I/O Leakage
IL0
+500
µA
6
Logic 1 Output
VOH
VCC=2.0V
VCC=5V
1.6
2.4
v
2
Logic 0 Output
VOL
VCC=2.0V
VCC=5V
0.4
0.4
v
3
Active Supply Current
ICC1A
VCC1=2.0V
VCC1=5V
0.4
1.2
mA
5,12
Timekeeping Current
ICC1T
VCC1=2.0V
VCC1=5V
0.3
1
µA
4,12
Standby Current
ICC1S
VCC1=2.0V
VCC1=5V
100
100
nA
10,12,14
Active Supply Current
ICC2A
IND
VCC2=2.0V
VCC2=5V
200
0.425
1.28
mA
5,13
Timekeeping Current
ICC2T
VCC2=2.0V
VCC2=5V
25.3
81
µA
4,13
Standby Current
ICC2S
VCC2=2.0V
VCC2=5V
25
80
µA
10,13
Trickle charge Resistors
R1
R2
R3
2
4
8
k
Ω
k
Ω
k
Ω
Trickle Charge Diode Voltage Drop
VTD
0.7
V
CAPACITANCE
(tA=25
℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
I/O Capacitance
CI/O
15
pF
Crystal Capacitance
CX
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com