Electronic Components Datasheet Search
  English  ▼

X  

DS1302SN Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1302SN Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS1302SN Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS1302
Trickle Charge Timekeeping Chip
www.artschip.com
7
DS1302 PROGRAMMABLE TRICKLE CHARGER
Figure 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
0
℃ to 70℃ or -40℃ to +85℃ for industrial
Storage Temperature
-55
℃ to +125℃
Soldering Temperature
260
℃ for 10 seconds (DIP)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
*This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
℃ to 70℃ or -40℃ to +85℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage VCC1, VCC2
VCC1,
VCC2
2.0
5.5
V
1,11
Logic 1 Input
VIH
2.0
Vcc+0.3
V
1
Vcc=2.0V
-0.3
+0.3
Logic 0 Input
VIL
Vcc=5V
-0.3
+0.3
V
1
* -40
℃ to +85℃ for industrial device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com