Electronic Components Datasheet Search
  English  ▼

X  

AD5381 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5381
Description  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381 Datasheet(HTML) 2 Page - Analog Devices

  AD5381 Datasheet HTML 1Page - Analog Devices AD5381 Datasheet HTML 2Page - Analog Devices AD5381 Datasheet HTML 3Page - Analog Devices AD5381 Datasheet HTML 4Page - Analog Devices AD5381 Datasheet HTML 5Page - Analog Devices AD5381 Datasheet HTML 6Page - Analog Devices AD5381 Datasheet HTML 7Page - Analog Devices AD5381 Datasheet HTML 8Page - Analog Devices AD5381 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
AD5381
Rev. A | Page 2 of 36
TABLE OF CONTENTS
General Description ......................................................................... 3
Specifications..................................................................................... 4
AD5381-5 Specifications ............................................................. 4
AD5381-3 Specifications ............................................................. 6
AC Characteristics........................................................................ 7
Timing Characteristics..................................................................... 8
Serial Interface Timing ................................................................ 8
I C Serial Interface Timing
2
........................................................ 10
Parallel Interface Timing ........................................................... 11
Absolute Maximum Ratings.......................................................... 13
Pin Configuration and Function Descriptions........................... 14
Terminology .................................................................................... 17
Typical Performance Characteristics ........................................... 18
Functional Description .................................................................. 21
DAC Architecture—General..................................................... 21
On-Chip Special Function Registers (SFR) ............................ 22
SFR Commands .......................................................................... 22
Hardware Functions....................................................................... 25
Reset Function ............................................................................ 25
Asynchronous Clear Function.................................................. 25
BUSY and LDAC Functions...................................................... 25
FIFO Operation in Parallel Mode ............................................ 25
Power-On Reset.......................................................................... 25
Power-Down ............................................................................... 25
AD5381 Interfaces.......................................................................... 26
DSP, SPI, MICROWIRE Compatible Serial Interfaces .......... 26
I C Serial Interface
2
..................................................................... 28
Parallel Interface......................................................................... 30
Microprocessor Interfacing....................................................... 31
Application Information................................................................ 33
Power Supply Decoupling ......................................................... 33
Typical Configuration Circuit .................................................. 33
AD5381 Monitor Function ....................................................... 34
Toggle Mode Function............................................................... 34
Thermal Monitor Function....................................................... 34
Optical Attenuators .................................................................... 35
Utilizing the AD5381 FIFO....................................................... 35
Outline Dimensions ....................................................................... 36
Ordering Guide .......................................................................... 36
REVISION HISTORY
6/04—Data Sheet Changed from Rev. 0 to Rev. A
Changes to Ordering Guide ...........................................................36
5/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com