Electronic Components Datasheet Search
  English  ▼

X  

AD5381 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5381
Description  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381 Datasheet(HTML) 3 Page - Analog Devices

  AD5381 Datasheet HTML 1Page - Analog Devices AD5381 Datasheet HTML 2Page - Analog Devices AD5381 Datasheet HTML 3Page - Analog Devices AD5381 Datasheet HTML 4Page - Analog Devices AD5381 Datasheet HTML 5Page - Analog Devices AD5381 Datasheet HTML 6Page - Analog Devices AD5381 Datasheet HTML 7Page - Analog Devices AD5381 Datasheet HTML 8Page - Analog Devices AD5381 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD5381
Rev. A | Page 3 of 36
GENERAL DESCRIPTION
The AD5381 is a complete, single-supply, 40-channel, 12-bit
DAC available in a 100-lead LQFP package. All 40 channels
have an on-chip output amplifier with rail-to-rail operation.
The AD5381 includes a programmable internal 1.25 V/2.5 V,
10 ppm/°C reference, an on-chip channel monitor function that
multiplexes the analog outputs to a common MON_OUT pin
for external monitoring, and an output amplifier boost mode
that allows optimization of the amplifier slew rate. The AD5381
contains a double-buffered parallel interface that features a
20 ns WR pulse width, an SPI/QSPI/MICROWIRE/DSP
compatible serial interface with interface speeds in excess of
30 MHz, and an I2C compatible interface that supports a
400 kHz data transfer rate.
An input register followed by a DAC register provides double
buffering, allowing the DAC outputs to be updated indepen-
dently or simultaneously using the LDAC input.
Each channel has a programmable gain and offset adjust
register that allows the user to fully calibrate any DAC channel.
Power consumption is typically 0.25 mA/channel with boost
mode disabled.
Table 1. Other Low Voltage Single-Supply DACs in Product Family
Model
Resolution
AVDD Range
Output Channels
Linearity Error (LSB)
Package Description
Package Option
AD5380BST-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead LQFP
ST-100
AD5380BST-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead LQFP
ST-100
AD5384BBC-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead CSPBGA
BC-80
AD5384BBC-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead CSPBGA
BC-80
AD5382BST-5
14 Bits
4.5 V to 5.5 V
32
±4
100-Lead LQFP
ST-100
AD5382BST-3
14 Bits
2.7 V to 3.6 V
32
±4
100-Lead LQFP
ST-100
AD5383BST-5
12 Bits
4.5 V to 5.5 V
32
±1
100-Lead LQFP
ST-100
AD5383BST-3
12 Bits
2.7 V to 3.6 V
32
±1
100-Lead LQFP
ST-100
AD5390BST-5
14 Bits
4.5 V to 5.5 V
16
±3
52-Lead LQFP
ST-52
AD5390BCP-5
14 Bits
4.5 V to 5.5 V
16
±3
64-Lead LFCSP
CP-64
AD5390BST-3
14 Bits
2.7 V to 3.6 V
16
±3
52-Lead LQFP
ST-52
AD5390BCP-3
14 Bits
2.7 V to 3.6 V
16
±3
64-Lead LFCSP
CP-64
AD5391BST-5
12 Bits
4.5 V to 5.5 V
16
±1
52-Lead LQFP
ST-52
AD5391BCP-5
12 Bits
4.5 V to 5.5 V
16
±1
64-Lead LFCSP
CP-64
AD5391BST-3
12 Bits
2.7 V to 3.6 V
16
±1
52-Lead LQFP
ST-52
AD5391BCP-3
12 Bits
2.7 V to 3.6 V
16
±1
64-Lead LFCSP
CP-64
AD5392BST-5
14 Bits
4.5 V to 5.5 V
8
±3
52-Lead LQFP
ST-52
AD5392BCP-5
14 Bits
4.5 V to 5.5 V
8
±3
64-Lead LFCSP
CP-64
AD5392BST-3
14 Bits
2.7 V to 3.6 V
8
±3
52-Lead LQFP
ST-52
AD5392BCP-3
14 Bits
2.7 V to 3.6 V
8
±3
64-Lead LFCSP
CP-64
Table 2. 40-Channel, Bipolar Voltage Output DAC
Model
Resolution
Analog Supplies
Output Channels
Linearity Error
Package
Package Option
AD5379ABC
14 Bits
±11.4 V to ±16.5 V
40
±3
108-Lead CSPBGA
BC-108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com