Electronic Components Datasheet Search
  English  ▼

X  

AD5381 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5381
Description  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5381 Datasheet HTML 15Page - Analog Devices AD5381 Datasheet HTML 16Page - Analog Devices AD5381 Datasheet HTML 17Page - Analog Devices AD5381 Datasheet HTML 18Page - Analog Devices AD5381 Datasheet HTML 19Page - Analog Devices AD5381 Datasheet HTML 20Page - Analog Devices AD5381 Datasheet HTML 21Page - Analog Devices AD5381 Datasheet HTML 22Page - Analog Devices AD5381 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD5381
Rev. A | Page 19 of 36
AIDD (mA)
11
89
10
14
12
10
8
6
4
2
AVDD = 5.5V
VREF = 2.5V
TA = 25°C
Figure 15. AIDD Histogram with Boost Off
DIDD (mA)
0.8
0.9
0.4
0.5
0.6
0.7
0
10
8
6
4
2
DVDD = 5.5V
VIH = DVDD
VIL = DGND
TA = 25°C
Figure 16. DIDD Histogram
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
EXITS SOFT PD
TO MIDSCALE
VOUT
BUSY
WR
Figure 17. Exiting Soft Power Down
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
POWER SUPPLY RAMP RATE = 10ms
VOUT
AVDD
Figure 18. AD5381 Power-Up Transient
REFERENCE DRIFT (ppm/°C)
–5.0
–1.5
2.5
–3.5
–4.5
–4.0
0.5
–0.5
3.5
–2.5
1.5
–1.0
3.0
–3.0
1.0
0
4.0
5.0
4.5
–2.0
2.0
0
40
30
20
35
25
15
10
5
Figure 19. AD5381 REFOUT Temperature Coefficient
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
EXITS HARDWARE PD
TO MIDSCALE
PD
VOUT
Figure 20. Exiting Hardware Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com