Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1680 Datasheet HTML 1Page - Texas Instruments PCM1680 Datasheet HTML 2Page - Texas Instruments PCM1680 Datasheet HTML 3Page - Texas Instruments PCM1680 Datasheet HTML 4Page - Texas Instruments PCM1680 Datasheet HTML 5Page - Texas Instruments PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PCM1680
SLES133 – MARCH 2005
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog
Converter
•
Single Power-Supply Operation: 5-V Analog,
5-V Digital
•
24-Bit Resolution
•
Package: 28-Lead SSOP (150 mil)
•
Analog Performance:
•
Pin-Compatible With PCM1780
– Dynamic Range: 105 dB Typical
– SNR: 105 dB Typical
– THD+N: 0.002% Typical
•
Integrated A/V Receivers
– Full-Scale Output: 3.9 Vp-p Typical
•
DVD Movie and Audio Players
•
4
×/8× Oversampling Interpolation Filter:
•
HDTV Receivers
– Stop-Band Attenuation: –50 dB
•
Car Audio Systems
– Pass-Band Ripple:
±0.04 dB
•
DVD Add-On Cards for High-End PCs
•
Sampling Frequency: 5 kHz to 200 kHz
•
Digital Audio Workstations
•
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
•
Other Multichannel Audio Systems
512 fS, 768 fS, or 1152 fS With Autodetect
•
Zero Flags for Selectable Channel
Combinations
The PCM1680 is a CMOS monolithic integrated
circuit
which
features
eight
24-bit
audio
digi-
•
Serial Port (SPI/I
2C) for Mode Control
tal-to-analog converters and support circuitry in a
•
User-Programmable Functions:
small 28-lead SSOP. The digital-to-analog converters
– Flexible Audio Data Formats
use TI's enhanced multilevel delta-sigma architecture
• Right-Justified, I2S, and Left-Justified
to achieve excellent signal-to-noise performance and
a high tolerance to clock jitter.
• 16-, 18-, 20-, and 24-Bit Audio Data
The PCM1680 accepts industry-standard audio data
– Digital Attenuation: Mode Selectable
formats with 16- to 24-bit audio data. Sampling rates
• 0 dB to –63 dB, 0.5 dB/step
up to 200 kHz are supported. The PCM1680 provides
• 0 dB to –100 dB, 1 dB/step
a full set of user-programmable functions through a
– Soft Mute
serial control port, SPI or I
2C.
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI2-PCM1680 Datasheet
508Kb / 36P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED OCTOBER 2008
PCM1680DBQ TI-PCM1680DBQ Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680DBQ TI2-PCM1680DBQ Datasheet
508Kb / 36P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED OCTOBER 2008
PCM1680DBQ.B TI2-PCM1680DBQ.B Datasheet
508Kb / 36P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED OCTOBER 2008
More results

Similar Description - PCM1680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com