Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1680 Datasheet HTML 1Page - Texas Instruments PCM1680 Datasheet HTML 2Page - Texas Instruments PCM1680 Datasheet HTML 3Page - Texas Instruments PCM1680 Datasheet HTML 4Page - Texas Instruments PCM1680 Datasheet HTML 5Page - Texas Instruments PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.ti.com
PCM1680
SLES133 – MARCH 2005
ELECTRICAL CHARACTERISTICS (continued)
all specifications at T
A = 25°C, VCC = VDD = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
2
Input logic level
Vdc
VIL
0.8
IIH(1)
VIN = VCC
10
IIL(1)
VIN = 0 V
–10
Input logic current
µA
IIH(2)
VIN = VCC
65
100
IIL(2)
VIN = 0 V
–10
VOH(3)
IOH = –1 mA
2.4
Output logic level
Vdc
VOL(4)
IOL = 1 mA
0.4
DYNAMIC PERFORMANCE(5)
VOUT = 0 dB, fS = 48 kHz
0.002%
0.008%
VOUT = 0 dB, fS = 96 kHz, system
0.003%
THD+N
Total harmonic distortion + noise
clock = 256 fS
VOUT = 0 dB, fS = 192 kHz, system
0.004%
clock = 128 fS
EIAJ, A-weighted, fS = 48 kHz
100
105
A-weighted, fS = 96 kHz, system
103
Dynamic range
clock = 256 fS
dB
A-weighted, fS = 192 kHz, system
102
clock = 128 fS
EIAJ, A-weighted, fS = 48 kHz
100
105
A-weighted, fS = 96 kHz, system
103
SNR
Signal-to-noise ratio
clock = 256 fS
dB
A-weighted, fS = 192 kHz, system
102
clock = 128 fS
fS = 48 kHz
94
103
Channel separation
fS = 96 kHz, system clock = 256 fS
101
dB
fS = 192 kHz, system clock = 128 fS
100
DC ACCURACY
Gain error
±1
±6 % of FSR
Gain mismatch, channel-to-channel
±1
±6 % of FSR
Bipolar zero error
VOUT = 0.49 VCC at BPZ input
±30
±80
mV
ANALOG OUTPUT
Output voltage
Full scale (–0 dB)
0.78 VCC
Vp-p
Bipolar zero voltage
0.49 VCC
Vdc
Load impedance
AC-coupled load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Filter Characteristics (Sharp Rolloff)
Pass band
±0.04 dB
0.454 fS
Stop band
0.546 fS
Pass-band ripple
±0.04
dB
Stop-band attenuation
Stop band = 0.546 fS
–50
dB
(1)
Pins 5, 6, 7, 8, 11, 12, 13: SCK, DATA1, BCK, LRCK, DATA2, DATA3, DATA4
(2)
Pins 2, 3, 4, 14: MS/ADR, MC/SCL, MD/SDA, MSEL
(3)
Pins 1, 28: ZERO1, ZERO2
(4)
Pins 1, 4, 28: ZERO1, MD/SDA, ZERO2
(5)
Analog performance characteristics are measured using the System Two™ Cascade audio measurement system by Audio Precision™.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com