| Electronic Components Datasheet Search |
|
PCM1680 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM1680 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 33 page ![]() www.ti.com MODE CONTROL SPI CONTROL INTERFACE REGISTER WRITE OPERATION MSB 0 IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0 D7 D6 D5 D4 D3 D2 D1 D0 0 0 LSB Register Index (or Address) Register Data R0001-01 IDX0 D7 D6 D4 D5 D3 D2 D1 D0 0 MS MC MD X 0 IDX6 X IDX1 IDX2 IDX3 IDX4 IDX5 IDX6 X T0048-01 PCM1680 SLES133 – MARCH 2005 The PCM1680 has many programmable functions which can be controlled in the software control mode. The functions are controlled by programming and reading the internal registers using the SPI or I 2C interface. These two interfaces for mode control can be selected by MSEL (pin 14). The functions of pins 2, 3, and 4 are changed by MSEL selection as shown in Table 4. Table 4. Interface Mode Control PIN FUNCTION MSEL INTERFACE MODE PIN 2 PIN 3 PIN 4 LOW SPI MS MC MD HIGH I2C ADR SCL SCA The SPI control interface of the PCM1680 is a 3-wire synchronous serial port that operates asynchronously to the serial audio interface. The SPI control interface is used to program the on-chip mode registers. The control interface includes MD (pin 4), MC (pin 3), and MS (pin 2). MD is the serial data input, used to program the mode registers. MC is the control port for the serial bit clock, used to shift in the serial data, and MS is the control port for mode control select, which is used to enable the mode control. All write operations for the serial control port use 16-bit data words. Figure 24 shows the control data word format. The most significant bit is a fixed 0 for the write operation. Seven bits, labeled IDX[6:0], set the register index (or address) for the write operation. The least significant eight bits, D[7:0], contain the data to be written to the register specified by IDX[6:0]. Figure 25 shows the functional timing diagram for writing to the serial control port. MS is held at a logic-1 state until a register needs to be written. To start the register write cycle, MS is set to logic-0. Sixteen clock cycles are then provided on MC, corresponding to the 16 bits of the control data word on MD. After the completion of the sixteenth clock cycle, MS is set to logic-1 to latch the data into the indexed mode control register. Figure 24. Control Data Word Format for MD Figure 25. Write Operation Timing 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |