Electronic Components Datasheet Search
  English  ▼

X  

SY32C Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SY32C
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY32C Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SY32C Datasheet HTML 1Page - Sanyou Corporation Limited SY32C Datasheet HTML 2Page - Sanyou Corporation Limited SY32C Datasheet HTML 3Page - Sanyou Corporation Limited SY32C Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SY
32C-Series
contact form
SY32C
16
277
A
VAC
16A
277 VAC
4,432VA
20 Ω
.
m
Max
15
.
.
msec Max
15
.
.
msec Max
1,000
Ω
.(
500
)
M
Min DC
DC
Between open contacts
AC
V
Hz
min
:
1,000 ,50/60
1
Between coil and contact
AC
V
Hz
min
:
4,000 ,50/60
1
-40℃ ~+85 ℃(
)
no condensation
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
100
.
G Min
10
.
G Min
1000,000
50,000
1/4
version
:V3.1
50Min.
3
5
6
9
12
24
48
9
25
36
81
144
576
2,304
4.5
12.5
18
40.5
72
288
1,152
4.5
12.5
18
40.5
72
288
1,152
Magnetic
Latching Relay
SANYOURELAYS
Relays for advanced technology
Model
Nominal switching capacity res load
(
.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
Silver alloy
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
3,600
./ )
at
ops h
(
360
./ )
at
ops h
Contact material
Initial contact resistance at
VDC A
(
6
1 )
Operate time at nominal volt
(
.)
Release time at nominal volt
(
.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(
)
operations
Ambient temperature
Characteristic Data
Coil Data (at 20℃)
80% of
nominal
voltage
80% of
nominal
voltage
Single coil
resistance
10%(Ω)
voltage
(
.)
Max
voltage
(
.)
Max
Nominal
operating
power
Nominal
voltage
(
)
VDC
Dual coil
resistance
10%(Ω)
Pulse
duration
(
)
ms
Single/Dual:
Standard
1 /2
W W
cycles
cycles
Operate
Release
2A
、2B、1A+1B
Features
●16A contact switching capacity.
●Sealed relay avaliable.
●
KV between coil and contacts.
Dielectric Strength of 4
Environmental friendly product
(RoHS Compliant).
●
available.
Pluse-driven and both single and dual coil relays
Appearance dimension
: 30.0mmx20.0mmx10.2 mm.
●
●Max input current capability : 350A/2ms.


Similar Part No. - SY32C

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SY32 SANYOU-SY32 Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DB1R SANYOU-SY32-100A-105DB1R Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DB2R SANYOU-SY32-100A-105DB2R Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DM1R SANYOU-SY32-100A-105DM1R Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DM2R SANYOU-SY32-100A-105DM2R Datasheet
532Kb / 3P
Magnetic Latching Relay
More results

Similar Description - SY32C

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32M SANYOU-SY32M Datasheet
640Kb / 5P
Magnetic Latching Relay
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY33F SANYOU-SY33F Datasheet
548Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com