Electronic Components Datasheet Search
  English  ▼

X  

SY32C Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SY32C
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY32C Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SY32C Datasheet HTML 1Page - Sanyou Corporation Limited SY32C Datasheet HTML 2Page - Sanyou Corporation Limited SY32C Datasheet HTML 3Page - Sanyou Corporation Limited SY32C Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P
.C.B.Board.Layout
SY
32C
2/4
SY
C
32 -0
SY
C
32 -1
Single coil
Dual coils
Outline Dimensions, Wiring Diagram, Mounting Holes (unit :mm)
●Intelligent electric meter
Electric remote control
●
●Composite power switch
●Electrical device
Typical Applications
(Bottom.view)
1
4
5
6
8
7
5
6
8
7
1
2
3
4
Unless otherwise specified:
If dimension
mm tolerance
mm
<1
,
: 0.2
;
If dimension
mm tolerance
mm
1~5
,
: 0.3
;
If dimension
mm tolerance
mm
>5
,
: 0.4
.
Note
Extended terminal dimension is dimension
:1.
.
before soldering
2. Tolerance of mounting holes:0.5mm
Nomenclature
Ordering Information
SY
C
-1 05
D
M
2
-XX
32
R
Special Parameter:Nil-Standard type,XX-Customized Requirement
Polarity:R-Reverse polarity, Nil-Positive polarity
Contact Form:M-2Form A,B-2Form B,C-FromA+FormB
Coil Power:Standard type -Single/Dual:1.0W/2.0W
Coil Voltage (VDC): 03,05 , 06 , 09 , 12, 24,48
Number of Poles:1-1 Pole,2-2Pole
Type Designation:SY32C
Coil Type:1-Single coil,2-Dual coils



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com