Electronic Components Datasheet Search
  English  ▼

X  

SY32C Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SY32C
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY32C Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SY32C Datasheet HTML 1Page - Sanyou Corporation Limited SY32C Datasheet HTML 2Page - Sanyou Corporation Limited SY32C Datasheet HTML 3Page - Sanyou Corporation Limited SY32C Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wiring Diagram (Bottom view)
3/4
2B
2A
set
reset
set
reset
set
reset
set
reset
SY
32C
single coil
dual coils
dual coils
single coil
single coil
dual coils
1 +1
A
B
set
reset
set
reset
single coil
dual coils
single coil
dual coils
Positive polority
Reverse polority
Positive polority



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com