Electronic Components Datasheet Search
  English  ▼

X  

CDC913 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC913
Description  PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC913 Datasheet(HTML) 5 Page - Texas Instruments

  CDC913 Datasheet HTML 1Page - Texas Instruments CDC913 Datasheet HTML 2Page - Texas Instruments CDC913 Datasheet HTML 3Page - Texas Instruments CDC913 Datasheet HTML 4Page - Texas Instruments CDC913 Datasheet HTML 5Page - Texas Instruments CDC913 Datasheet HTML 6Page - Texas Instruments CDC913 Datasheet HTML 7Page - Texas Instruments CDC913 Datasheet HTML 8Page - Texas Instruments CDC913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CDC913
PC MOTHERBOARD CLOCK GENERATOR
WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
SCAS502C – APRIL 1995 – REVISED MAY 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
TYP†
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 3.135 V,
II = –18 mA
–1.2
–1.2
V
IOH = –12 mA
REFCLK
2.5
2.4
IOH = – 6 mA
PCICLK
2.5
2.4
VOH
VCC = 3.135 V
IOH = – 6 mA
CPUCLK
2.5
2.4
V
OH
CC
IOH = –12 mA
1Yn
2.5
2.4
IOH =12 mA
2Yn
25
24
IOH = –12 mA
2Yn
2.5
2.4
IOL = 12 mA
REFCLK
0.4
0.5
IOL = 6 mA
PCICLK
0.4
0.5
VOL
VCC = 3.135 V
IOL = 6 mA
CPUCLK
0.4
0.5
V
OL
CC
IOL = 12 mA
1Yn
0.4
0.5
IOL =12mA
2Yn
04
05
IOL = 12 mA
2Yn
0.4
0.5
II
VCC = 3.6 V,
VI = VCC or GND
±1
±1
µA
IOZ
VCC = 3.6 V,
VO = 3 V or 0
±1
±1
µA
V3 6 V
I0
Outputs high
1
ICC
VCC = 3.6 V,
VI =VCC or GND
IO = 0,
Outputs low
1
mA
VI = VCC or GND
Outputs disabled
1
Ci
VI = 3.135 V or 0
6
pF
Co
VI = 3.135 V or 0
6
pF
† All typical values are at VCC = 3.3 V, TA = 25_C.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
Stabilization time‡
After SEL1, SEL0
5
ms
Stabilization time‡
After power up
5
ms
‡ Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at X1. Until phase lock is obtained, the specifications for propagation delay and
skew parameters given in the switching characteristics table are not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com