Electronic Components Datasheet Search
  English  ▼

X  

CDC913 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC913
Description  PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC913 Datasheet(HTML) 3 Page - Texas Instruments

  CDC913 Datasheet HTML 1Page - Texas Instruments CDC913 Datasheet HTML 2Page - Texas Instruments CDC913 Datasheet HTML 3Page - Texas Instruments CDC913 Datasheet HTML 4Page - Texas Instruments CDC913 Datasheet HTML 5Page - Texas Instruments CDC913 Datasheet HTML 6Page - Texas Instruments CDC913 Datasheet HTML 7Page - Texas Instruments CDC913 Datasheet HTML 8Page - Texas Instruments CDC913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDC913
PC MOTHERBOARD CLOCK GENERATOR
WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
SCAS502C – APRIL 1995 – REVISED MAY 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
X1
1
OSC
1Y1
5
6
1Y3
7
8
2Y1
20
19
18
1Y2
1Y4
2Y2
2Y3
33-MHz
PLL
X2
2
REFCLK
23
PCICLK
14
CPUCLK
11
CPU-CLK
PLL
SEL0
12
Select
Logic
SEL1
13
OE
22
1A
10
2A
15
17
2Y4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com