Electronic Components Datasheet Search
  English  ▼

X  

CDC913 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC913
Description  PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC913 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC913 Datasheet HTML 2Page - Texas Instruments CDC913 Datasheet HTML 3Page - Texas Instruments CDC913 Datasheet HTML 4Page - Texas Instruments CDC913 Datasheet HTML 5Page - Texas Instruments CDC913 Datasheet HTML 6Page - Texas Instruments CDC913 Datasheet HTML 7Page - Texas Instruments CDC913 Datasheet HTML 8Page - Texas Instruments CDC913 Datasheet HTML 9Page - Texas Instruments CDC913 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CDC913
PC MOTHERBOARD CLOCK GENERATOR
WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
SCAS502C – APRIL 1995 – REVISED MAY 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V,
TA = 25°C
VCC = 3.135 V to 3.6 V,
TA = 0°C to 70°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
1A
1Yn
1.5
3.5
1.2
3.8
ns
tPLH
2A
2Yn
1.5
3.5
1.2
3.8
ns
tPHL
1A
1Yn
1.5
3.5
1.2
3.8
ns
tPHL
2A
2Yn
1.5
3.5
1.2
3.8
ns
tPZH
OE
1Yn
2.5
7
2
7.5
ns
tPZH
OE
2Yn
2.5
7
2
7.5
ns
tPZL
OE
1Yn
2.5
7
2
7.5
ns
tPZL
OE
2Yn
2.5
7
2
7.5
ns
tPHZ
OE
1Yn
2.5
7
2
7.5
ns
tPHZ
OE
2Yn
2.5
7
2
7.5
ns
tPLZ
OE
1Yn
2.5
7
2
7.5
ns
tPLZ
OE
2Yn
2.5
7
2
7.5
ns
1Yn
350
350
tsk(o)
2Yn
350
350
ps
()
Any Y
500
500
tsk(p)
1Yn and 2Yn
1
1
ns
†
CPUCLK
±250
Jitter(pk pk)†
CPUCLK
±250
ps
Jitter(pk-pk)†
PCICLK
±350
s
†
PCICLK
30
†
SEL0 = L,
SEL1 = L
20
tc(period)†
CPUCLK
SEL0 = H,
SEL1 = L
16.7
ns
SEL0 = L,
SEL1 = H
15
D t c cle†
CPUCLK
45%
55%
Duty cycle†
PCICLK
45%
55%
tr‡
2
ns
tf‡
2
ns
† Specifications are applicable only after the PLL stabilization time has elapsed.
‡ Rise and fall times are characterized using the load circuits shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com