Electronic Components Datasheet Search
  English  ▼

X  

LM4924SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4924SD
Description  2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4924SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4924SD Datasheet HTML 1Page - National Semiconductor (TI) LM4924SD Datasheet HTML 2Page - National Semiconductor (TI) LM4924SD Datasheet HTML 3Page - National Semiconductor (TI) LM4924SD Datasheet HTML 4Page - National Semiconductor (TI) LM4924SD Datasheet HTML 5Page - National Semiconductor (TI) LM4924SD Datasheet HTML 6Page - National Semiconductor (TI) LM4924SD Datasheet HTML 7Page - National Semiconductor (TI) LM4924SD Datasheet HTML 8Page - National Semiconductor (TI) LM4924SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4924
2 Cell Battery, 40mW Per Channel Output Capacitor-Less
(OCL) Stereo Headphone Audio Amplifier
General Description
The LM4924 is a Output Capacitor-Less (OCL) stereo head-
phone amplifier, which when connected to a 3.0V supply,
delivers 40mW per channel to a 16
Ω load with less than 1%
THD+N.
With the LM4924 packaged in the MM and SD packages, the
customer benefits include low profile and small size. These
packages minimizes PCB area and maximizes output power.
The LM4924 features circuitry that reduces output transients
(“clicks” and “pops”) during device turn-on and turn-off, and
Mute On and Off. An externally controlled, low-power con-
sumption, active-low shutdown mode is also included in the
LM4924. Boomer audio power amplifiers are designed spe-
cifically to use few external components and provide high
quality output power in a surface mount packages.
Key Specifications
n
OCL output power
n
(R
L =16
Ω,V
DD = 3.0V, THD+N = 1%)
40mW (typ)
n
Micropower shutdown current
0.1µA (typ)
n
Supply voltage operating range
1.5V < V
DD < 3.6V
n
PSRR 100Hz, V
DD = 3.0V, AV = 2.5
66dB (typ)
Features
n
2-cell 1.5V to 3.6V battery operation
n
OCL mode for stereo headphone operation
n
Unity-gain stable
n
“Click and pop” suppression circuitry for shutdown On
and Off transients
n
Active low micropower shutdown
n
Thermal shutdown protection circuitry
Applications
n
Portable two-cell audio products
n
Portable two-cell electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20121057
FIGURE 1. Block Diagram
October 2004
© 2004 National Semiconductor Corporation
DS201210
www.national.com


Similar Part No. - LM4924SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4924 TI2-LM4924 Datasheet
1Mb / 22P
LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
REVISED APRIL 2013
LM4924MM/NOPB TI1-LM4924MM/NOPB Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4924MM/NOPB TI2-LM4924MM/NOPB Datasheet
1Mb / 22P
LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
REVISED APRIL 2013
LM4924MM/NOPB.A TI2-LM4924MM/NOPB.A Datasheet
1Mb / 22P
LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
REVISED APRIL 2013
More results

Similar Description - LM4924SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com