Electronic Components Datasheet Search
  English  ▼

X  

LM4924SD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4924SD
Description  2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4924SD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4924SD Datasheet HTML 8Page - National Semiconductor (TI) LM4924SD Datasheet HTML 9Page - National Semiconductor (TI) LM4924SD Datasheet HTML 10Page - National Semiconductor (TI) LM4924SD Datasheet HTML 11Page - National Semiconductor (TI) LM4924SD Datasheet HTML 12Page - National Semiconductor (TI) LM4924SD Datasheet HTML 13Page - National Semiconductor (TI) LM4924SD Datasheet HTML 14Page - National Semiconductor (TI) LM4924SD Datasheet HTML 15Page - National Semiconductor (TI) LM4924SD Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information (Continued)
As mentioned in the Selecting Proper External Compo-
nents section, R
i and Ci create a highpass filter that sets the
amplifier’s lower bandpass frequency limit. Find the coupling
capacitor’s value using Equation (3).
C
i
≥ 1/(2πR
ifL)
(5)
The result is
1/(2
π*20kΩ*20Hz) = 0.397µF
Use a 0.39µF capacitor, the closest standard value.
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AV. With
an A
V = 1 and fH = 100kHz, the resulting GBWP = 100kHz
which is much smaller than the LM4924 GBWP of 11MHz.
This figure displays that if a designer has a need to design
an amplifier with higher differential gain, the LM4924 can still
be used without running into bandwidth limitations.
HIGHER GAIN AUDIO AMPLIFIER
20121029
FIGURE 3.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com