Electronic Components Datasheet Search
  English  ▼

X  

MPC880 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC880
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC880 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
46
Freescale Semiconductor
CPM Electrical Characteristics
Figure 40. Boundary Scan (JTAG) Timing Diagram
12 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module (CPM) of
the MPC885/880.
12.1 PIP/PIO AC Electrical Specifications
Table 16 provides the PIP/PIO AC timings as shown in Figure 41 to Figure 45.
Table 16. PIP/PIO Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
21
Data-in setup time to STBI low
0
—
ns
22
Data-In hold time to STBI high
0
—
clk
23
STBI pulse width
1.5
—
clk
24
STBO pulse width
1 clk – 5 ns
—
ns
25
Data-out setup time to STBO low
2
—
clk
26
Data-out hold time from STBO high
5
—
clk
27
STBI low to STBO low (Rx interlock)
—
4.5
clk
28
STBI low to STBO high (Tx interlock)
2
—
clk
29
Data-in setup time to clock high
15
—
ns
30
Data-in hold time from clock high
7.5
—
ns
31
Clock low to data-out valid (CPU writes data, control, or direction)
—
25
ns
TCK
Output
Signals
Output
Signals
Output
Signals
J92
J94
J93
J95
J96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com