Electronic Components Datasheet Search
  English  ▼

X  

MPC880 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC880
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC880 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
69
Freescale Semiconductor
UTOPIA AC Electrical Specifications
Figure 69 shows the I2C bus timing.
Figure 69. I2C Bus Timing Diagram
13 UTOPIA AC Electrical Specifications
Table 30, Table 31, and Table 32, show the AC electrical specifications for the UTOPIA interface.
Table 30. UTOPIA Master (Muxed Mode) Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (internal clock option)
Output
4 ns
ns
Duty cycle
50
50
%
Frequency
33
MHz
U2
UTPB, SOC, RxEnb, TxEnb, RxAddr, and TxAddr active delay (and
PHREQ and PHSEL active delay in multi-PHY mode)
Output
2 ns
16 ns
ns
U3
UTPB, SOC, Rxclav and Txclav setup time
Input
4 ns
ns
U4
UTPB, SOC, Rxclav and Txclav hold time
Input
1 ns
ns
Table 31. UTOPIA Master (Split Bus Mode) Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (Internal clock option)
Output
4 ns
ns
Duty cycle
50
50
%
Frequency
33
MHz
U2
UTPB, SOC, RxEnb, TxEnb, RxAddr and TxAddr active delay
(PHREQ and PHSEL active delay in multi-PHY mode)
Output
2 ns
16 ns
ns
U3
UTPB_Aux, SOC_Aux, Rxclav and Txclav setup time
Input
4 ns
ns
U4
UTPB_Aux, SOC_Aux, Rxclav and Txclav hold time
Input
1 ns
ns
SCL
202
205
203
207
204
208
206
209
211
210
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com