Electronic Components Datasheet Search
  English  ▼

X  

MPC880 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC880
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC880 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
71
Freescale Semiconductor
USB Electrical Characteristics
Figure 71 shows signal timings during UTOPIA transmit operations.
Figure 71. UTOPIA Transmit Timing
14 USB Electrical Characteristics
This section provides the AC timings for the USB interface.
14.1 USB Interface AC Timing Specifications
The USB Port uses the transmit clock on SCC1. Table 33 lists the USB interface timings.
15 FEC Electrical Characteristics
This section provides the AC electrical specifications for the fast Ethernet controller (FEC). Note that the timing
specifications for the MII signals are independent of system clock frequency (part speed designation). Also, MII
signals use TTL signal levels compatible with devices operating at either 5.0 V or 3.3 V.
Table 33. USB Interface AC Timing Specifications
Name
Characteristic
All Frequencies
Unit
Min
Max
US1
USBCLK frequency of operation 1
Low speed
Full speed
1 USBCLK accuracy should be ±500 ppm or better. USBCLK may be stopped to conserve power.
6
48
MHz
MHz
US4
USBCLK duty cycle (measured at 1.5 V)
45
55
%
UtpClk
UTPB
TxEnb
1
2
SOC
5
TxClav
PHSELn
3
4
5
High-Z at MPHY
High-Z at Multi-PHYP
U1
U1
U2
U2
U2
U3
U4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com