Electronic Components Datasheet Search
  English  ▼

X  

LT5534 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 1 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT5534
5534f
50MHz to 3GHz
RF Power Detector
with 60dB Dynamic Range
s
RF Frequency Range: 50MHz to 3GHz
s
Linear Dynamic Range: 60dB
s
Exceptional Accuracy over Temperature
and Power Supply
s
Fast Transient Response:
38ns Full-Scale Settling Time
s
Single 2.7V to 5.25V Supply
s
Low Supply Current: 7mA
s
Shutdown Current: 0.1
µA
s
Tiny 6-Lead SC70 Package
s
RF Receive Power Management
s
RF Power Control
s
CATV Power Detection
s
Optical Receiver Gain Control
50MHz to 3GHz RF Power Detector
DESCRIPTIO
FEATURES
APPLICATIO S
The LT
®5534 is a 50MHz to 3GHz monolithic RF power
detector capable of measuring RF signals over a 60dB
dynamic range. The RF signal in a decibel scale is precisely
converted into DC voltage on a linear scale. The 60dB input
dynamic range is achieved using cascaded RF detectors
and RF limiters. Their outputs are summed to generate an
accurate log-linear DC voltage proportional to the input RF
signal in dB. The output is buffered with a low output
impedance driver. The LT5534 delivers superior tempera-
ture stability (typical output variation within
±1dB over the
full temperature range). The output responds in less than
40ns to a large RF input signal.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
DET
DET
DET
DET
DET
RF
1nF
EN
47
Ω
ENABLE
RF
INPUT
VOUT
VCC
GND
100pF
3V
LT5534
0.1
µF
VOUT
5534 TA01
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G05
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40C
VCC = 3V
AT 900MHz
Output Voltage
vs RF Input Power


Similar Part No. - LT5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5534 LINER-LT5534 Datasheet
1Mb / 10P
50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
Analog Devices
LT5534 AD-LT5534 Datasheet
1Mb / 18P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Rev. D
logo
Linear Technology
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
More results

Similar Description - LT5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
Wide Dynamic Range RF/IF Log Detector
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
300MHz to 3GHz RF Power Detector in SC70 Package
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com