Electronic Components Datasheet Search
  English  ▼

X  

LT5534 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 2 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT5534
5534f
ORDER PART
NUMBER
(Note 1)
Power Supply Voltage ........................................... 5.5V
Enable Voltage ................................................... 0V, VCC
RF Voltage (+10dBm Equivalent) ............................
±1V
Operating Ambient Temperature Range .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT5534ESC6
TJMAX = 125°C, θJA = 256°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
EN 1
GND 2
VOUT 3
6 RF
5 GND
4 VCC
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
SC6 PART
MARKING
LBGD
ELECTRICAL CHARACTERISTICS V
CC = 3V, EN = 3V, TA = 25°C, source impedance = 50Ω, unless otherwise
noted. Test circuit shown in Figure 1. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input
Frequency Range
50 to 3000
MHz
Input Impedance
2k
Ω
fRF = 50MHz
RF Input Power Range
–58 to +2
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C60
dB
Output Slope
44
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.007
dB/
°C
fRF = 900MHz
RF Input Power Range
–60 to 0
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C60
dB
Output Slope
41
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.008
dB/
°C
fRF = 1900MHz
RF Input Power Range
–63 to –2
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C61
dB
Output Slope
31
36.6
43
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.012
dB/
°C
Output Intercept
50
Ω External Termination, TA = –40°C to 85°C
–70
–64
–58
dBm
fRF = 2500MHz
RF Input Power Range
–63 to –3
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C60
dB
Output Slope
35
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.025
dB/
°C
Output Interface
Output DC Voltage
No RF Input Signal
30
142
240
mV
Output Impedance
32
Ω
Output Bandwidth
30
MHz
Full-Scale Setting Time
Input from No Signal to –2dBm, to 90%
38
ns
Sourcing/Sinking
10/200
mA/
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com