Electronic Components Datasheet Search
  English  ▼

X  

LT5534 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 4 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT5534
5534f
TYPICAL PERFOR A CE CHARACTERISTICS
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G07
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40C
VCC = 3V
AT 1.9GHz
RF INPUT POWER (dBm)
–60
–3
–2
–1
0
1
3
–50
–40
–30
–20
5534 G08
–10
0
2
TA = –40°C
TA = 85°C
VCC = 3V AT 1.9GHz
NORMALIZED AT 25
°C
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G09
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40C
VCC = 3V
AT 2.5GHz
Output Voltage vs RF Input Power
VOUT Variation vs RF Input Power
Output Voltage vs RF Input Power
Output Voltage Distribution
vs Temperature
VOUT Variation vs RF Input Power
Output Voltage vs RF Input Power
at VCC = 3V and 5V
RF INPUT POWER (dBm)
–60
–3
–2
–1
0
1
3
–50
–40
–30
–20
5534 G10
–10
0
2
TA = –40°C
TA = 85°C
VCC = 3V AT 2.5GHz
NORMALIZED AT 25
°C
RF INPUT POWER (dBm)
–60
1.6
2.0
2.8
–40
–20
5534 G11
1.2
0.8
–50
–30
–10
0
0.4
0
2.4
TA = 25°C
50MHz
VCC = 3V, 5V
1.9GHz
VCC = 3V, 5V
Supply Voltage vs Supply Current
SUPPLY VOLTAGE (V)
2.5
4
5
6
7
8
10
3
3.5
4
4.5
5530 G14
5
5.5
9
TA = 85°C
TA = 25°C
TA = –40°C
(Test circuit shown in Figure 1)
VOUT (V)
0
5
15
20
25
35
0.54
0.62
0.66
5534 G12
10
30
0.6
0.7
0.56 0.58
0.64
0.68
RF PIN = –48dBm AT 1.9GHz
VCC = 3V
TA = 25°C
TA = –40°C
TA = 85°C
Output Voltage Distribution
vs Temperature
VOUT (V)
0
5
15
20
25
40
35
1.79
1.87
1.91
5534 G13
10
30
1.85
1.81 1.83
1.89
1.93
TA = 25°C
TA = –40°C
TA = 85°C
RF PIN = –14dBm AT 1.9GHz
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com