Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 17Page - Texas Instruments INA1650 Datasheet HTML 18Page - Texas Instruments INA1650 Datasheet HTML 19Page - Texas Instruments INA1650 Datasheet HTML 20Page - Texas Instruments INA1650 Datasheet HTML 21Page - Texas Instruments INA1650 Datasheet HTML 22Page - Texas Instruments INA1650 Datasheet HTML 23Page - Texas Instruments INA1650 Datasheet HTML 24Page - Texas Instruments INA1650 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
VMID(OUT)
VMID(IN)
CF
Copyright © 2016, Texas Instruments Incorporated
VCC
VEE
500
k
500
k
VMID(OUT)
VMID(IN)
VCC
VEE
500
k
500
k
CF
VCC
ZD1
Copyright © 2016, Texas Instruments Incorporated
˜ S ˜
: ˜
3dB
F
1
f
2
250 k
C
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Source Impedance Mismatch (O)
250 k
500 k
1 M
C006
21
INA1650-Q1, INA1651-Q1
www.ti.com
SBOS772B – AUGUST 2017 – REVISED APRIL 2019
Product Folder Links: INA1650-Q1 INA1651-Q1
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Application Information (continued)
Figure 45. CMRR vs Source Impedance Mismatch for Different RCOM Values
RCOM does not need to be a high-precision resistor with a very tight tolerance. Low-cost 5% or 1% resistors can
be used with no degradation in overall performance. The addition of RCOM does not increase the noise of the
audio signal path.
In single-supply systems where AC coupling is used at the inputs of the INA165x-Q1, adding RCOM lengthens the
start-up time of the circuit. The input AC-coupling capacitors are charged to the midsupply voltage through the
RCOM resistor, which may take a substantial amount of time if RCOM has a large value (such as 1 MΩ). Do not
use RCOM in these systems if start-up time is a concern. In dual-supply systems with input AC-coupling
capacitors, the capacitor voltage does not need to be charged to a midsupply point, because the capacitor
voltage settles to ground by default. Therefore, RCOM does not increase start-up time in dual-supply systems.
8.1.3 Start-Up Time in Single-Supply Applications
The internal supply divider of the INA165x-Q1 is constructed using two 500-kΩ resistors connected in series
between the VCC and VEE pins. These resistors are matched on-chip to provide a reference voltage that is
exactly one half of the power supply voltage. Noise from the power supplies and thermal noise from the resistors
degrades the overall audio performance of the INA165x-Q1 if allowed to enter the signal path. Therefore, TI
recommends a filter capacitor (CF) is connected to the VMID(IN) pin, as shown in Figure 46 The CF capacitor
forms a low-pass filter with the internal 500-kΩ resistors. Noise above the corner frequency of this filter is passed
to ground and is removed from the audio signal path. The corner frequency of the filter is shown in Equation 3:
(3)
Figure 46. Connect a Capacitor (CF) to the VMID(IN)
Pin to Reduce Noise from the Voltage Divider
Figure 47. A Zener Diode (ZD1) Connected to the
Positive Supply Can Decrease Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com