Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments INA1650 Datasheet HTML 10Page - Texas Instruments INA1650 Datasheet HTML 11Page - Texas Instruments INA1650 Datasheet HTML 12Page - Texas Instruments INA1650 Datasheet HTML 13Page - Texas Instruments INA1650 Datasheet HTML 14Page - Texas Instruments INA1650 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Time (500 ns/div)
C017
Time (500 ns/div)
C017
Time (2.5 µs/div)
C017
Time (2.5 µs/div)
C017
0
10
20
30
40
50
60
70
1
10
100
1000
Capacitive Load (pF)
Positive Overshoot
Negative Overshoot
C004
-180
-160
-140
-120
-100
-80
-60
-40
10k
100k
1M
10M
Frequency (Hz)
REF / COM Pins Grounded
REF / COM Pins Connected to VMID(OUT)
C007
11
INA1650-Q1, INA1651-Q1
www.ti.com
SBOS772B – AUGUST 2017 – REVISED APRIL 2019
Product Folder Links: INA1650-Q1 INA1651-Q1
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VOUT = midsupply, and RL = 2 kΩ (unless otherwise noted)
100-mV input step
Figure 19. Overshoot vs Capacitive Load
Figure 20. Channel Separation vs Frequency
10-mV input step
Figure 21. Small-Signal Step Response
10-V input step
Figure 22. Large-Signal Step Response
10-V input step, 0.01% settling = ±1 mV
Figure 23. Rising-Edge Settling Time
10-V input step, 0.01% settling = ±1 mV
Figure 24. Falling-Edge Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com