Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 24Page - Texas Instruments INA1650 Datasheet HTML 25Page - Texas Instruments INA1650 Datasheet HTML 26Page - Texas Instruments INA1650 Datasheet HTML 27Page - Texas Instruments INA1650 Datasheet HTML 28Page - Texas Instruments INA1650 Datasheet HTML 29Page - Texas Instruments INA1650 Datasheet HTML 30Page - Texas Instruments INA1650 Datasheet HTML 31Page - Texas Instruments INA1650 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
12 V
C1
10 F
C2
10 F
C7 1 F
C6 0.1 F
C3
10 F
C4
10 F
C5 1 F
9
8
IN- A
IN+ A
VCC
OUT A
VMID(OUT)
COM A
IN+ B
IN- B
COM B
OUT B
VMID(IN)
VEE
REF A
REF B
INA1650-Q1
1
2
3
4
5
6
7
14
13
12
11
10
Microphone
RBIAS
RBIAS
Microphone
RBIAS
RBIAS
VBIAS
VBIAS
C8
150 nF
C9
150 nF
R1
100
R2
10 k
C10
150 nF
C11
150 nF
R4
10 k
Speech-Filtered,
Single-Ended Audio
Signals
R3
100
28
INA1650-Q1, INA1651-Q1
SBOS772B – AUGUST 2017 – REVISED APRIL 2019
www.ti.com
Product Folder Links: INA1650-Q1 INA1651-Q1
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 Two-Channel Microphone Input for Automotive Infotainment Systems
The high CMRR, low-noise, and ease-of-use in single supply applications make the INA165x-Q1 an excellent
choice for applications in automotive infotainment systems. illustrates a high-CMRR input circuit for in-cabin
microphones used for hands-free phone systems. The microphones are connected with matched bias resistors,
RBIAS, to preserve the high-CMRR performance of the INA165x-Q1. The exact value of the microphone bias
voltage, VBIAS, and the RBIAS resistors depends on the particular microphones used. Bandwidth-limiting the audio
signal to the range of frequencies for speech is common in hands-free systems. As shown in , all filtering
components are placed at the output of the INA165x-Q1 rather than the input to preserve high CMRR. The
values shown in limit the signal bandwidth to approximately 100 Hz to 10 kHz.
Figure 60. Two-channel Microphone Input for Automotive Infotainment Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com