Electronic Components Datasheet Search
  English  ▼

X  

TMUX1104 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1104
Description  5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1104 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1104 Datasheet HTML 1Page - Texas Instruments TMUX1104 Datasheet HTML 2Page - Texas Instruments TMUX1104 Datasheet HTML 3Page - Texas Instruments TMUX1104 Datasheet HTML 4Page - Texas Instruments TMUX1104 Datasheet HTML 5Page - Texas Instruments TMUX1104 Datasheet HTML 6Page - Texas Instruments TMUX1104 Datasheet HTML 7Page - Texas Instruments TMUX1104 Datasheet HTML 8Page - Texas Instruments TMUX1104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
TMUX1104
SCDS392A – NOVEMBER 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMUX1104
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics (VDD = 5 V ±10 %) ............ 5
6.6
Electrical Characteristics (VDD = 3.3 V ±10 %) ......... 7
6.7
Electrical Characteristics (VDD = 1.8 V ±10 %) ......... 9
6.8
Electrical Characteristics (VDD = 1.2 V ±10 %) ....... 11
6.9
Typical Characteristics ............................................ 13
7
Parameter Measurement Information ................ 16
7.1
On-Resistance ........................................................ 16
7.2
Off-Leakage Current ............................................... 16
7.3
On-Leakage Current ............................................... 17
7.4
Transition Time ....................................................... 17
7.5
Break-Before-Make ................................................. 18
7.6
tON(EN) and tOFF(EN).................................................. 18
7.7
Charge Injection ...................................................... 19
7.8
Off Isolation ............................................................. 19
7.9
Crosstalk ................................................................. 20
7.10
Bandwidth ............................................................. 20
8
Detailed Description ............................................ 21
8.1
Functional Block Diagram ....................................... 21
8.2
Feature Description................................................. 21
8.3
Device Functional Modes........................................ 23
8.4
Truth Tables ............................................................ 23
9
Application and Implementation ........................ 24
9.1
Application Information............................................ 24
9.2
Typical Application ................................................. 24
9.3
Design Requirements.............................................. 24
9.4
Detailed Design Procedure ..................................... 25
9.5
Application Curve .................................................... 25
10
Power Supply Recommendations ..................... 25
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 26
12
Device and Documentation Support ................. 27
12.1
Documentation Support ........................................ 27
12.2
Receiving Notification of Documentation Updates 27
12.3
Community Resources.......................................... 27
12.4
Trademarks ........................................................... 27
12.5
Electrostatic Discharge Caution ............................ 27
12.6
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2018) to Revision A
Page
•
Changed the document status From: Advanced Information To: Production Mix data.......................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com