Electronic Components Datasheet Search
  English  ▼

X  

TMUX1104 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1104
Description  5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1104 Datasheet HTML 9Page - Texas Instruments TMUX1104 Datasheet HTML 10Page - Texas Instruments TMUX1104 Datasheet HTML 11Page - Texas Instruments TMUX1104 Datasheet HTML 12Page - Texas Instruments TMUX1104 Datasheet HTML 13Page - Texas Instruments TMUX1104 Datasheet HTML 14Page - Texas Instruments TMUX1104 Datasheet HTML 15Page - Texas Instruments TMUX1104 Datasheet HTML 16Page - Texas Instruments TMUX1104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
-30
-20
-10
0
10
20
30
40
VDD = 1.32 V
VDD = 1.98 V
VDD = 3.63 V
D005
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
-400
-300
-200
-100
0
100
200
300
400
D006
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
8
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D003
VS or VD - Source or Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
70
80
VDD = 1.62 V
VDD = 1.98 V
VDD = 1.08 V
VDD = 1.32 V
D004
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
5.5
0
1
2
3
4
5
6
VDD = 5.5 V
VDD = 4.5 V
VDD = 3.63 V
VDD = 3 V
D001
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TA = 125qC
TA = 25qC
TA = 85qC
TA = -40qC
D002
13
TMUX1104
www.ti.com
SCDS392A – NOVEMBER 2018 – REVISED DECEMBER 2018
Product Folder Links: TMUX1104
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.9 Typical Characteristics
at TA = 25°C, VDD = 5 V (unless otherwise noted)
TA = 25°C
Figure 1. On-Resistance vs Source or Drain Voltage
VDD = 5 V
Figure 2. On-Resistance vs Temperature
VDD = 3.3 V
Figure 3. On-Resistance vs Temperature
TA = 25°C
Figure 4. On-Resistance vs Source or Drain Voltage
TA = 25°C
Figure 5. On-Leakage vs Source or Drain Voltage
VDD = 5 V
Figure 6. On-Leakage vs Source or Drain Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com