Electronic Components Datasheet Search
  English  ▼

X  

TMUX1104 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1104
Description  5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1104 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1104 Datasheet HTML 17Page - Texas Instruments TMUX1104 Datasheet HTML 18Page - Texas Instruments TMUX1104 Datasheet HTML 19Page - Texas Instruments TMUX1104 Datasheet HTML 20Page - Texas Instruments TMUX1104 Datasheet HTML 21Page - Texas Instruments TMUX1104 Datasheet HTML 22Page - Texas Instruments TMUX1104 Datasheet HTML 23Page - Texas Instruments TMUX1104 Datasheet HTML 24Page - Texas Instruments TMUX1104 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TMUX1104
S1
D1
S2
S3
S4
A0
A1
EN
1-of-4
Decoder
21
TMUX1104
www.ti.com
SCDS392A – NOVEMBER 2018 – REVISED DECEMBER 2018
Product Folder Links: TMUX1104
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Functional Block Diagram
The TMUX1104 is an 4:1, 1-channel (single-ended) multiplexer or demultiplexer. Each input is turned on or
turned off based on the state of the address lines and enable pin.
Figure 28. TMUX1104 Functional Block Diagram
8.2 Feature Description
8.2.1 Bidirectional Operation
The TMUX1104 conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
8.2.2 Rail to Rail Operation
The valid signal path input/output voltage for TMUX1104 ranges from GND to VDD.
8.2.3 1.8 V Logic Compatible Inputs
The TMUX1104 has 1.8-V logic compatible control for all logic control inputs. The logic input thresholds scale
with supply but still provide 1.8-V logic control when operating at 5.5 V supply voltage. 1.8-V logic level inputs
allows the TMUX1104 to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations
refer to Simplifying Design with 1.8 V logic Muxes and Switches
8.2.4 Fail-Safe Logic
The TMUX1104 supports Fail-Safe Logic on the control input pins (EN, A0, A1) allowing for operation up to 5.5
V, regardless of the state of the supply pin. This feature allows voltages on the control pins to be applied before
the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pins of the TMUX1104 to be ramped to 5.5 V while VDD = 0 V. Additionally, the feature
enables operation of the TMUX1104 with VDD = 1.2 V while allowing the select pins to interface with a logic level
of another device up to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com