Electronic Components Datasheet Search
  English  ▼

X  

SDC281 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC281
Description  Smart Two-Phase DC Fan Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC281 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC281 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Datasheet
December, 2013 Rev. 1.1
6/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan Driver
SDC281
Typical Operating Characteristics
Supply Voltage(V)
2 4
6
8 10 12 14 16 18 20
1.0
0.5
1.5
2.0
2.5
Figure 5. Supply Current vs. Supply Voltage
Ta(°C)
VDD=3V
VDD=5V
VDD=12V
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20
40 60 80 100 120 140 160
Figure 6. Supply Current vs. Temperature
Supply Voltage(V)
2
4
6
8 10 12 14 16 18 20
BOP
BRP
-30
-20
-10
0
10
20
30
Figure 7. Magnetic Flux Density vs. Supply Voltage
Ta(°C)
BOP
BRP
-30
-20
-10
0
10
20
30
-40 -20
0
20
40 60
80 100 120 140 160
Figure 8. Magnetic Flux Density vs. Temperature
200
400
600
800
1000
Output Cureent (mA)
0
0.2
0.4
0.6
0.8
1.0
Figure 9. Output Saturation Voltage vs. Output Current
0
25
50
75
100
125
150
100
200
300
400
500
600
Pd(mW)
700
550
Ta(°C)
Figure 10. Power Dissipation Curve



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com