Electronic Components Datasheet Search
  English  ▼

X  

SDC281 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC281
Description  Smart Two-Phase DC Fan Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC281 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC281 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
December, 2013 Rev. 1.1
1/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan Driver
SDC281
General Description
The SDC281 is a two-phase brushless DC fan motor driver,
which is built in Hall effect sensor. The driver includes lock
detection and auto-restart functions. The built-in chopper
amplifier can dynamically adjust the input offset voltage.
It greatly improves the sensitivity of the magnetic. The
output uses the soft-switch that greatly reduces the
phase-switch noise. The power switch is application in
advanced LDMOS technology to effectively reduce the
on-resistance. The peak current is highly to 1200mA.
Features
Widely operating voltage range: 2.5V~20V
High output peak current to 1200mA
Continuous output current to 600mA
High sensitivity Hall effect sensor IC: ±25GS
Soft-switch to reduce phase-switch noise
Built-in output protection clamping circuit
Built-in lock detection and auto-restart functions
Built-in thermal shutdown protection
Reverse voltage protection
Applications
Brushless DC fan motors
Brushless DC motors
Figure 1. Package Type
TO-94


Similar Part No. - SDC281

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDC280 SDC-SDC280 Datasheet
295Kb / 9P
Smart Two-Phase DC Fan
SDC280Z4-E1 SDC-SDC280Z4-E1 Datasheet
295Kb / 9P
Smart Two-Phase DC Fan
SDC280Z4-G1 SDC-SDC280Z4-G1 Datasheet
295Kb / 9P
Smart Two-Phase DC Fan
SDC283 SDC-SDC283 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
SDC283Z4-E1 SDC-SDC283Z4-E1 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
More results

Similar Description - SDC281

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver
Rev 1
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
Rev 1
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
Rev 2
logo
Shaoxing Devechip Micro...
SDC211 SDC-SDC211 Datasheet
230Kb / 8P
Two-Phase DC Fan Driver with FG
SDC280 SDC-SDC280 Datasheet
295Kb / 9P
Smart Two-Phase DC Fan
SDC283 SDC-SDC283 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com