Electronic Components Datasheet Search
  English  ▼

X  

SDC281 Datasheet(PDF) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC281
Description  Smart Two-Phase DC Fan Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC281 Datasheet(HTML) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC281 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC281 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Datasheet
December, 2013 Rev. 1.1
7/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Smart Two-Phase DC Fan Driver
SDC281
Function Description
Lock Detection and Auto-restart
SDC281 detects the rotation of the motor by internal
Hall sensor signal, and adjusts lock detection ON time
(tON) and lock detection OFF time (tOFF) by internal
counter.
VDD
DO
DOB
tOFF
Nomal
Spining
Start-up
Spining
tON
Start-up
Spining
Nomal
Spining
Figure 11. Lock Detection and Auto-restart Waveform
Thermal Protection
SDC281 has a thermal protection. When the internal
junction temperature reaches 165°C, the output devices
will be switched off. When the IC’s junction temperature
cools by 30°C, the thermal sensor will turn the output
devices on again, resulting in a pulse output during
continuous thermal protection.
Output Switch Principle
SDC281 built in a Hall-effect sensor plane to sense the
vertical magnetic flux density (B).There are two output
drivers in SDC281 to drive two-phase DC brushless motor.
When the south pole magnetic field is close to the IC
marking surface and the magnetic flux density higher
than operating point(BOP), the DO pin output will turn
ON and the DOB pin output will turn OFF. When the
south pole magnetic field is far away the IC marking
surface and the north pole magnetic field close to the
magnetic flux density until the magnetic flux density
higher than releasing point(BRP), the DOB pin output will
turn ON and the DO pin output will turn OFF.
S
N
N
S
BOP
BRP
Making Surface
Marking Surface
BOP
BRP
VDO
BOP
BRP
VDOB
BOP
BRP
VDO
BOP
BRP
VDOB
Figure 12. Output Switch Principle



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com