Electronic Components Datasheet Search
  English  ▼

X  

SDC606 Datasheet(PDF) 3 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC606
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC606 Datasheet(HTML) 3 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC606 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
3/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC606
Functional Block Diagram
OVP
UVP
OLP
VREF
OSC
PWM
OTP
DRVU
STC
GND
OC
OC
IS
OB
Dmax
VCC
FB
COMP
CS
COMP
FB
0.625V
12V
3.7V
2.4V
Figure 3. Functional Block Diagram
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com