Electronic Components Datasheet Search
  English  ▼

X  

SDC606 Datasheet(PDF) 8 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC606
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC606 Datasheet(HTML) 8 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC606 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
8/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC606
Function Description
Startup control
Startup current of SDC606 is designed to be very low so
that VCC could be charged up above UVLO threshold level
and device starts up quickly. A large startup resistor can
therefore be used to minimize the power loss yet achieve
a reliable startup in application.
PWM control
The peak current (sensed on the IS pin) is set by the
voltage on FB pin. By comparing the voltage on FB pin and
the IS ramp voltage, the duty-cycle of the PWM
modulator is thus adjusted to provide the necessary load
current at the desired output voltage. FB can be
controlled by internal control circuit and external
feedback circuit.
VCC over voltage protection
VCC over voltage protection circuit is integrated into IC.
When VCC voltage reaches 12V(TYP), FB voltage is pulled
down via internal control circuit, then the PWM switching
is shut off. When VCC voltage goes down below 12V(TYP),
the switching is reactivated. The VCC over voltage
protection ensures IC to operate reliably.
Current limit
The output is shut off to limit the power when voltage of
IS Pin exceeds Current sense threshold voltage.
Green mode control
Under no-load and light-load condition, the switching
frequency internally decreases to lower the switching
power loss and improve the conversion efficiency. If FB is
less than 2.4V(Typ), the cycle of the oscillator will increase
with it, the less FB is, the wider the cycle of the oscillator
is, until the oscillation stop.
Power transistor drive
During the ON cycle, OB pin supplies base current for the
power transistor, OE pulls down the emitter of the power
transistor to IS, and OB is adaptive to the IS current. If the
current of IS exceeds the specified current of FB, SDC606
will turn into the OFF cycle. During the OFF cycle, OB is
pulled down, the power transistor will shut off.
Over temperature protection
When IC’s internal temperature reaches 150°C, FB voltage
will be pulled down by internal control circuit, the
switching frequency decreases or shut off. This protection
protects the IC from over temperature.
Cooling requirements
Layout is important for all switching regulators. To achieve
high efficiency, good regulation, and stability, a well
designed printed circuit board layout is required. The main
power loss inside IC is produced by the internal transistor,
an extra copper plane at the pin7 and pin8 help dissipate
the heat generated by losses in transistor. For a typical
application (AC input from 85V to 265V, 12W output), and
200mm2 copper plane is necessary.
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com