Electronic Components Datasheet Search
  English  ▼

X  

SDC606 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC606
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC606 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC606 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
6/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC606
Electrical Characteristics(Ta=25°C, VCC =7.0V, RIS=1Ω, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Section
On-state saturation voltage drop
VSAT
IOC=600mA
-
-
1
V
Output rise time
Tr
CL=1nF
-
-
75
ns
Output fall time
Tf
CL=1nF
-
-
75
ns
HV start-up current
ISTC
-
1
-
2.6
mA
Oscillator Section
Oscillating frequency
fOSC
-
55
61
70
kHz
Temperature Stability
△FV
VCC =4.5V~11V
-
-
1
%
Temperature Stability
△FT
Ta=0°C~85°C
-
-
1
%
Feedback Section
Pull-up current
IFB
VFB=2.5V
0.40
0.50
0.70
mA
Pull-down resistance
RFB
-
10
15
20
kΩ
PSRR
-
VCC=4.5V~11V
-
60
70
dB
Current Sampling Section
Over current threshold voltage
VTH_OC
-
0.60
0.625
0.65
V
IS-GND resistance
ITH_OC
-
15
20
25
Ω
PSRR
PSRR
-
-
60
70
dB
Over current detection and control delay
TD
-
-
150
250
ns
PWM Section
Maximum duty cycle
DMAX
VFB=4.0V
52
57
62
%
Minimum duty cycle
DMIN
-
-
1.5
-
%
Power Current Section
Start-up current
IST
-
-
15
50
uA
Operating current
IOP
VFB=0V , VCC =8V
2.0
2.8
4.0
mA
Start-up Voltage
VST
-
8.8
9.2
9.6
V
Under-voltage lockout threshold
VUV
-
3.3
3.7
4.0
V
Restart Voltage
VRST
-
1.7
2.0
2.4
V
Over voltage protection
VOV
-
11
12
13
V
OTP Section
Thermal shutdown temperature
TOTP
-
-
150
-
℃
BJT Section
Collector cutoff current
ICBO
VCB=700V, IE=0
-
-
0.1
mA
Collector-emitter cutoff current
ICEO
VCE=450V, IB=0
-
-
0.1
mA
Collector-base cutoff current
IEBO
VEB=9V, IC=0
-
-
0.1
mA
Collector-base breakdown voltage
VCBO
IC=0.1mA
700
-
-
V
Collector-emitter sustain voltage
VCEO
IC=1mA
450
-
-
V
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com