Electronic Components Datasheet Search
  English  ▼

X  

SDC608 Datasheet(PDF) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC608
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC608 Datasheet(HTML) 5 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC608 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
5/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC608
Absolute Maximum Ratings (NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device.)
Parameter
Symbol
Value
Unit
Power supply voltage VCC
VCC
18
V
Collector current
IC
1.5
A
Endurance voltage of OC collector
VCB
-0.3~700
V
Peak value of switching current
Ip
330
mA
Total dissipation power
PD
460
mW
Operating Junction Temperature
TJ
-40~150
°C
Storage temperature range
TSTG
-55~150
°C
Lead temperature (soldering, 10sec)
TLEAD
260,10s
°C
Latch-up test per JEDEC 78
-
200
mA
ESD, HBM model per Mil-Std-883, Method 3015
HBM
2000
V
ESD, MM model per JEDEC EIA/JESD22-A115
MM
200
V
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Power supply voltage, VCC
VCC
4.8
9.0
V
Operating temperature
Ta
-40
85
°C
Table 3. Recommended Operating Conditions
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com