Electronic Components Datasheet Search
  English  ▼

X  

SDC608 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC608
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC608 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC608 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
1/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC608
General Description
SDC608 is a high-performance current mode control IC
designed for AC/DC convertor, which supplies about
continuous 3.8W output power at the universal AC input
range from 85V to 265V.
Features
Built-in oscillator
Built-in high voltage power transistor of 700V
Cycle-by-cycle current limit
Very low power consumption under no load
Internal slope compensation and feedback
compensation
Over load protection
Built-in high precise current limit with temperature
compensation
Over temperature protection
Low startup and operating current
VCC over-voltage clamp
3.8W output power at the universal AC input range,
4.5W output power at AC input 220V
Package: SOP-7
Applications
Offline AC/DC flyback converter
Adaptor/Chargers for cell and other portable
apparatus
Figure 1. Package Type
SOP-7
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDC608

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDC602 SDC-SDC602 Datasheet
367Kb / 11P
Current Mode PWM Controller
SDC602Z-E1 SDC-SDC602Z-E1 Datasheet
367Kb / 11P
Current Mode PWM Controller
SDC602Z-G1 SDC-SDC602Z-G1 Datasheet
367Kb / 11P
Current Mode PWM Controller
SDC603 SDC-SDC603 Datasheet
389Kb / 11P
Current Mode PWM Controller
SDC603Z-E1 SDC-SDC603Z-E1 Datasheet
389Kb / 11P
Current Mode PWM Controller
More results

Similar Description - SDC608

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com