Electronic Components Datasheet Search
  English  ▼

X  

SDC608 Datasheet(PDF) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC608
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC608 Datasheet(HTML) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC608 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDC608 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
7/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC608
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OTP Section
Thermal shutdown temperature
TOTP
-
-
150
-
℃
BJT Section
Collector cutoff current
ICBO
VCB=700V, IE=0
-
-
0.1
mA
Collector-emitter cutoff current
ICEO
VCE=400V, IB=0
-
-
0.1
mA
Collector-base cutoff current
IEBO
VEB=9V, IC=0
-
-
0.1
mA
Collector-base breakdown voltage
VCBO
IC=0.1mA
700
-
-
V
Collector-emitter sustain voltage
VCEO
IC=1mA
400
-
-
V
Collector-base sustain voltage
VEBO
IE=0.1mA
9
-
-
V
DC current gain
hFE
VCE=5V, IC=0.5A
15
-
30
-
Collector-emitter saturation voltage
VCE_STA
IC=1A, IB=0.25A
0.3
0.9
V
Base-emitter saturation voltage
VBE_STA
IC=1A, IB=0.25A
0.9
1.2
V
Table 4. Electrical Characteristics
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com