Electronic Components Datasheet Search
  English  ▼

X  

SDP339 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP339 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDP339 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
6/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
SDP339
Electrical Characteristics (Ta=25°C, VCC=5V, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VOUT=1.4V, RS:0Ω
-
2.0
5.0
mV
Input Bias Current
IB
IIN+ or IIN- with output in
Linear Range, IB=(IIN++ IIN-)/2,
VCM=0V
-
25
250
nA
Input Offset Current
IIO
IIN+- IIN-, VCM =0V
-
5.0
50
nA
Input Common Mode
Voltage Range
VICM
VCC=18V
0
-
VCC-1.5
V
Supply Current
ICC
RL=∞
VCC=5V
-
0.45
0.8
mA
VCC=18V
-
0.55
1.0
Voltage Gain
GV
RL≥15kΩ,VCC=18V,
VOUT=1V to 11V
50
200
-
V/mV
Large Signal
Response Time
TRES
VIN=TTL Logic
swing ,VREF=1.4V
VRL=5V,RL=5.1kΩ
-
170
-
ns
Response Time
TRES
VRL=5V,RL=5.1kΩ
0.6
-
us
Output Sink Current
ISINK
VIN-=1V,VIN+=0,VOUT=1.5V
8
20
-
mA
Saturation Voltage
VSAT
VIN-=1V,VIN+=0,ISINK ≤ 4mA
-
100
200
mV
Output Leakage Current
ILEAK
VIN-=0V,VIN+=1V,VOUT=5V
-
0.1
1
nA
Table 4. Electrical Characteristics
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com