Electronic Components Datasheet Search
  English  ▼

X  

SDP339 Datasheet(PDF) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDP339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP339 Datasheet(HTML) 7 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDP339 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd SDP339 Datasheet HTML 11Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
7/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
SDP339
Typical Performance Characteristics
-40℃
25℃
85℃
0
2
4
6
8
10
12
14
16
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Supply Voltage (V)
-40℃
25℃
85℃
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
Supply Voltage (V)
Figure 4. Supply Voltage vs. Supply Current
Figure 5. Supply Voltage vs. Input Current
85�
-40�
25�
0.01
0.1
1
10
100
Output Sink Current (mA)
0
2V
4V
6V
5mV
-95mV
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
+5V
5.1k
VOU
T
VIN
Time (μS)
Figure 6. Output Sink Current vs. Saturation Voltage
Figure 7. Response Time for 5mV Input Overdrive -
Negative Transition
0
2V
4V
6V
5mV
-95mV
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
+5V
5.1k
VOU
T
VIN
Time (μS)
Figure 8. Response Time for 5mV Input Overdrive –
Positive Transition
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com